Part Number Hot Search : 
EER35C L161B LPC3200 MM5Z6V2B KA7915TU E003618 EPA3692G 15C02SS
Product Description
Full Text Search
 

To Download APT2X101DL40J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  052-6322 rev e 9 - 2009 product benefits low losses low noise switching cooler operation higher reliability systems increased system power density product features ultrafast recovery times (t rr ) soft recoverery characteristics low forward voltage low forward voltage high blocking voltage low leakage current product applications anti-parallel diode -switchmode power supply -inverters free wheeling diode - motor controllers - converters snubber diode uninterruptible power supply induction heating high speed recti? ers APT2X101DL40J 400v 100a maximum ratings all ratings per diode: t c = 25c unless otherwise speci ? ed. microsemi website - http://www.microsemi.com ultrafast soft recovery dual recti ? er diode symbol characteristic / test conditions ratings unit v r maximum d.c. reverse voltage 400 volts v rrm maximum peak repetitive reverse voltage v rwm maximum working peak reverse voltage i f(av) maximum average forward current (t c = 127c, duty cycle = 0.5) 100 amps i f(rms) rms forward currrent (square wave, 50% duty) 204 i fsm non-repetitive forward surge current (t j = 45c, 8.3 ms) 1000 t j , t stg operating and storage junction temperature range -55 to 175 c symbol characteristic / test conditions min typ max unit v f forward voltage i f = 100a 1.0 1.125 volts i f = 150a 1.1 i f = 200a 1.2 i f = 100a, t j = 150c .95 i rm maximum reverse leakage current v r = 400v 500 a v r = 400v, t j = 125c 1000 c t junction capacitance, v r = 200v 215 pf l s series inductance _lead to lead 5mm from base) 10 nh static electrical characteristics sot-227 1 2 3 4 isotop "ul recongnized" file # 145592 2 1 3 4 APT2X101DL40J downloaded from: http:///
APT2X101DL40J dynamic characteristics 052-6322 rev e 9 - 2009 thermal and mechanical characteristics microsemi reserves the right to change, without notice, the speci? cations and information contained herein. symbol characteristic / test conditions min typ max unit t rr reverse recovery time i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25c 40 ns t rr reverse recovery time i f = 100a, di f /dt = -200a/ s v r = 268v, t c = 25c 120 q rr reverse recovery charge 830 nc i rrm maximum reverse recovery current 13 amps t rr reverse recovery time i f = 100a, di f /dt = -200a/ s v r = 268v, t c = 125c 240 ns q rr reverse recovery charge 3500 nc i rrm maximum reverse recovery current 25 amps t rr reverse recovery time i f = 100a, di f /dt = -1000a/ s v r = 268v, t c = 125c 160 ns q rr reverse recovery charge 6600 nc i rrm maximum reverse recovery current 76 amps symbol characteristic / test conditions min typ max unit r jc junction-to-case thermal resistance 0.42 c/w r ja junction-to-ambient thermal resistance 20 w t package weight 1.03 oz 29.2 g torque maximum mounting torque 10 lbin 1.1 nm 0 0.05 0.1 0.15 0.20 0.25 0.30 0.35 0.40 0.45 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 rectangular pulse duration (seconds) figure 1. maximum effective transient thermal impedance, junction-to-case vs. pulse duration peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: z jc , thermal impedance (?/w) downloaded from: http:///
052-6322 rev e 9 - 2009 APT2X101DL40J typical performance curves 0 50 100 150 200 250 300 350 400 0 0.5 1 1.5 2 2.5 0 50 100 150 200 250 300 0 200 400 600 800 1000 0 50 100 150 200 250 25 50 75 100 125 150 175 0 10 20 30 40 50 60 70 80 90 0 200 400 600 800 1000 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 25 50 75 100 125 150 0 1000 2000 3000 4000 5000 6000 7000 8000 9000 0 200 400 600 800 1000 duty cycle = 0.5 t j = 45c i rrm q rr t rr 100a 50a 200a t j = 55c t j = 150c v f , anode-to-cathode voltage (v) figure 2, forward current vs. forward voltage i f , forward current (a) t j = 25c t j = 125c -di f /dt, current rate of change (a/ s ) figure 3, reverse recovery time vs. current rate of change t rr , collector current (a) q rr , reverse recovery charge (nc) t j , junction temperature (c) figure 6, dynamic parameters vs junction temperature k f , dynamic parameters (normalized to 1000a/ s) i rrm , reverse recovery current (a) case temperature (c) figure 7, maximum average forward current vs. case temperature i f(av) (a) 0 250 500 750 1000 1250 1500 1750 2000 1 10 100 200 v r , reverse voltage (v) figure 8, junction capacitance vs. reverse voltage c j , junction capacitance (pf) t j = 125c v r = 268v t j = 125c v r = 268v -di f /dt, current rate of change (a/ s ) figure 4, reverse recovery charge vs. current rate of change -di f /dt, current rate of change (a/ s ) figure 5, reverse recovery current vs. current rate of change t j = 125c v r = 268v 200a 50a 150a 100a 150a 200a 50a 100a 150a downloaded from: http:///
APT2X101DL40J 052-6322 rev e 9 - 2009 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm current transformer di f /dt adjust d.u.t. +18v 0v t rr / q rr waveform slope = di m / dt 6 di m /dt - maximum rate of current increase during the trailing portion of t rr. 6 v r microsemis products are covered by one or more of u.s. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. us and foreign patents pending. all rights reserved. sot-227 (isotop ? ) package outline 31.5 (1.240)31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307)8.2 (.322) 30.1 (1.185)30.3 (1.193) 38.0 (1.496)38.2 (1.504) 14.9 (.587)15.1 (.594) 11.8 (.463)12.2 (.480) 8.9 (.350)9.6 (.378) hex nut m4 h100 (4 places) 0.75 (.030)0.85 (.033) 12.6 (.496)12.8 (.504) 25.2 (0.992)25.4 (1.000) 1.95 (.077)2.14 (.084) r = 4.0 (.157) (2 places) 4.0 (.157)4.2 (.165) (2 places) w=4.1 (.161)w=4.3 (.169) h=4.8 (.187)h=4.9 (.193) (4 places) 3.3 (.129)3.6 (.143) anode 1 cathode 2 anode 2 cathode 1 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT2X101DL40J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X